Part Number Hot Search : 
6ESB1 STC1120 K2611S IRFZ32 1205SH30 K2611S D4081 TPS54560
Product Description
Full Text Search
 

To Download XAL1580-102ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C xal1580 document 891-1 document 891-1 revised 07/25/12 dcr 3 srf inductance 2 (mohms) typ 4 isat 5 irms (a) 6 part number 1 20% (h) typ max (mhz) (a) 20c rise 40c rise height 7 xal1580-401me_ 0.40 0.50 0.70 53.0 111 47.0 60.0 0.315 / 8.0 xal1580-741me_ 0.74 0.72 0.86 35.1 86.0 43.2 59.7 0.315 / 8.0 XAL1580-102ME_ 1.0 0.93 1.12 30.0 73.5 40.6 57.5 0.315 / 8.0 xal1580-132me_ 1.3 1.15 1.38 26.2 65.0 34.6 46.7 0.307 / 7.8 xal1580-182me_ 1.8 1.61 1.93 21.3 57.0 33.2 43.8 0.303 / 7.7 xal1580-202me_ 2.0 1.91 2.29 20.1 51.0 29.5 39.9 0.303 / 7.7 xal1580-302me_ 3.0 2.62 3.10 16.0 43.0 25.6 34.4 0.295 / 7.5 xal1580-452me_ 4.5 3.82 4.58 12.5 34.2 20.4 27.0 0.295 / 7.5 xal1580-532me_ 5.3 4.35 5.22 11.8 33.0 19.5 26.5 0.295 / 7.5 xal1580-612me_ 6.1 5.66 6.79 11.7 31.0 16.9 22.6 0.291 / 7.4 core material composite terminations rohs compliant tin-silver (96.5/3.5) over copper. other terminations available at additional cost. weight 10.6 g ambient temperature C40c to +90c with i rms current, +90c to +130c with derated current. storage temperature component: C40c to +130c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 300/13 reel plastic tape: 32 mm wide, 0.3 mm thick, 24 mm pocket spacing, 8.26 mm pocket depth pcb washing only pure water or alcohol recommended ? high current C up to 111 a ? very low dcr C 0.50 mohms ? soft saturation makes them ideal for vrm/vrd applications. 1. when ordering, please specify termination and packaging codes: xal1580-612med termination: e = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d = 13 machine-ready reel. eia-481 embossed plastic tape (300 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops 30% (typ) from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. maximum height in inches / mm. 8. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other components. therefore temperature rise should be verifed in application conditions. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
document 891-2 document 891-2 revised 07/25/12 shielded power inductors C xal1580 typical l vs current 01 02 03 05 06 07 08 09 0 120 110 100 40 0 0.2 0.1 0.4 0.5 0.3 0.6 current (a) inductance (h) 0.40 h 0 2 1 3 4 5 6 7 8 current (a) inductance (h) 6.1 h 05 10 15 20 35 30 40 25 0 0.2 0.4 0.6 0.8 1.0 current (a) inductance (h) 0.74 h 01 02 03 05 06 07 08 09 0 100 40 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 current (a) inductance (h) 1.0 h 01 02 03 05 06 07 08 09 0 40 0 0.4 0.8 1.2 1.6 2.0 current (a) inductance (h) 1.3 h 5 0 10 15 20 45 40 50 55 60 65 70 25 30 35 5 0 10 15 20 45 40 50 55 60 65 70 25 30 35 0 2.0 1.5 1.0 0.5 2.5 3.0 current (a) inductance (h) 1.8 h 5 0 10 15 20 45 40 50 55 60 65 70 25 30 35 0 2.0 1.5 1.0 0.5 2.5 3.0 current (a) inductance (h) 2.0 h 5 0 0 1 2 3 4 5 10 15 20 25 35 40 45 50 55 60 30 current (a) inductance (h) 3.0 h 0 2 1 3 4 5 6 7 8 current (a) inductance (h) 4.5 h 05 10 15 20 35 30 40 45 50 25 0 2 1 3 4 5 6 7 8 current (a) inductance (h) 5.3 h 05 10 15 20 35 30 40 25 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
document 891-3 document 891-3 revised 07/25/12 shielded power inductors C xal1580 irms derating -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i 0.638 0.008 16,2 0,2 0.598 0.008 15,2 0,2 dash n umber xxx see height tab le xal1580-741 0.315 / 8.0 xal1580-102 0.315 / 8.0 xal1580-132 0.307 / 7.8 xal1580-182 0.303 / 7.7 xal1580-202 0.303 / 7.7 xal1580-302 0.295 / 7.5 xal1580-452 0.295 / 7.5 xal1580-532 0.295 / 7.5 xal1580-612 0.291 / 7.4 height max pa rt number ( xal1580-401 0.315 / 8.0 inches / mm) a dash b number (in / mm) (in / mm) 0.008 in 0,20 mm -401 0.518 / 13.16 0.557 / 14.16 -741 0.518 / 13.16 0.557 / 14.16 -102 0.518 / 13.16 0.557 / 14.16 -132 0.502 / 12.76 0.534 / 13.56 -182 0.494 / 12.56 0.522 / 13.26 -202 0.494 / 12.56 0.522 / 13.26 -302 0.479 / 12.16 0.498 / 12.66 -452 0.471 / 11.96 0.487 / 12.36 -532 0.471 / 11.96 0.487 / 12.36 -612 0.467 / 11.86 0.481 / 12.21 r ecommended land p attern inches mm dimensions are in 0.299 7,6 0.118 0.004 3,00 0,10 0.125 3,18 0.417 10,6 a (see tab le) b (see tab le) typical l vs frequency us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of XAL1580-102ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X